Part Number Hot Search : 
P3N100FI VM8PF A6266 P6KE30 LCE10AB 50TR40 6A20S MC14403
Product Description
Full Text Search
 

To Download 2SC5621 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 *qSMAL-SIGNAL TRANSISTOR*r L
2SC5621
FOR HIGH FREE NCY AMPLIFY APPLICATION UQ SILICON NPN EPITAXIAL TYPE
E SCRIPTION D
2SC5621 is a su per min i pacge er sin selea d silic o n NPN ak e pitliax trn asistor.It is de sign e d for high freu q n c y pplictio n . aa OUTLINE DR A WING 1.6 0.8
Unit :mm
0.4
0.4
FEATUE R
* EHigh gain bandwidth pro du c t. fT=4.5GHz *EHigh gain ,lo w n o ise . ECan opete t lo w o ltge . * ar a v a *ESu pe r min i pacak ge for es a y mou n tin g.
1
3 2
APPLICATION
For TV tu n e s,high freu q n c y m plifie ,c e lur a phon e r a r sy ste m . TER M INAL CONNECTOR : BASE : EMITTER EIJA: : COLLECTOR
1 2 3
MAXIMUM R A TINGS ( T= 25* Z) a Sy mbol VCBO VCEO VEBO IC PC Tj Tstg Pam e te r ar Colle c tor to Base o lta v Colle c tor to Emitte r o lta v Emitte r to Base o lta v Colle c tor c uer n t Colle c tor dissi Ju n c tio n te m Stora ge te m prtuer a patio n petuer ar ge ge ge Rtin a 20 12 3 50 100 +125 -55~+125 gs U n it V V V mA mW *Z *Z
MARKING
G
TYPE NAME
W
hFE ITEM
ELECTR ICAL CHAR A CTER ISTICS (T= 25* Z) a
S y o m lb
I I
CBO EBO
m aP r e t
Colle c tor c u t off c uer n t Emitte r c u t off c uer n t DC ford c uer n t rw a Gain bandwidth
2
e Tt c s o i n d s
VCB=10V, I E=0mA VEB=1V, IC=0mA gain pro du c t VCE=5V, I VCE=5V, I VCB=5V, I VCE=5V, I VCE=5V, I
C=20mA E=20mA E=0mA,
Mi n
50
L im s t
Typ
Ma x
1.0 1.0 250 4.5 1.0
U n it
E E A A
hFE fT Cob S21 NF
Colle c tor ou t pu t c a pacitnac e powe r gain In setio n r Noise fi gu er
f =1MHz f =1GHz 7.5 f =1GHz
GHz pF dB dB
C=20mA, C=5mA,
9.0 1.5
*qSMALL-SIGNAL TRANSISTOR*r
2 S C5 6 2 1
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
10 Ta=25 VCE=5 10
DC FORWARD CURRENT GAIN VS. COLLECTOR CURRENT
...d|R
N
G~b^n` 10 10 1 Ta=25 VCE= 5
B
COMMON EMITTER TRANSFER
V
10 0.1 1 0.1 1 10 C 10
IC(mA)
0.1
0.1 0.5
COLLECTOR CURRENT
I@ d ^ N R
0.6
0.7
BASE TO EMITTER VOLTAGE
@d ^b~GEX[x
0.8
0.9 V
1
VBE(V)
10. VCE= 1.0
GAIN BANDWIDTH PRODUCT VS. COLLECTOR CURRENT
|R
N
d|RN 20. 18.0 16.0 14.0 12.0 10. 8.0 6.0 4.0 2.0 Ta=25 VCE= 5 f=0.5G f=1.0G H H
^
POWER GAIN VS. COLLECTOR CURRENT
Ta=25 5
0.1
0.1
RN^Ex[Xd RN^oe|
1.0
COLLECTOR CURRENT
I@ d ^ N R
10 . C
0.
IC(mA)
0.1
10. RN^d@I
Gw|RN^d
COLLECTOR CURRENT
C
IC(mA)
10.
COLLECTOR OUTPUT CAPACITANCE VS. COLLECTOR TO BASE VOLTAGE
E I =0mA f=1MHz
Ta=25
5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5
NOISE FIGURE VS. COLLECTOR CURRENT
V CE =5V f=1.0GHz
Ta=25
1.0
0.1
0.1 RN^Ex[Xd@V
1
10
COLLECTOR TO BASE VOLTAGE
(V) CB VCB(V)
10
0. 1
COLLECTOR CURRENT
RN^d@I
10
C (mA) IC(mA)
10
*qSMAL-SIGNAL TRANSISTOR*r L
2SC5621
FOR HIGH FREE NCY AMPLIFY APPLICATION UQ SILICON NPN EPITAXIAL TYPE
S PAR A METER
500.00 600.00 700.00 800.00 900.00 1000.00 1100.00 1200.00 1300.00 1400.00 1500.00 1600.00 1700.00 1800.00 1900.00 2000.00 VCE=5V,IC=2mA FR EUENCY Q (MHZ) 500.00 600.00 700.00 800.00 900.00 1000.00 1100.00 1200.00 1300.00 1400.00 1500.00 1600.00 1700.00 1800.00 1900.00 2000.00
0.399 0.375 0.364 0.348 0.341 0.332 0.329 0.327 0.325 0.321 0.318 0.320 0.322 0.324 0.324 0.323
-126.4 -137.6 -148.1 -156.9 -164.5 -171.8 -178.6 175.5 169.3 165.0 159.9 154.5 150.2 145.7 141.4 137.7
0.099 0.110 0.118 0.127 0.137 0.149 0.159 0.170 0.180 0.193 0.203 0.215 0.226 0.238 0.250 0.262
51.8 50.9 52.4 53.4 53.7 55.0 55.1 55.8 55.1 56.1 55.7 55.7 55.4 54.9 54.8 54.0
4.984 4.260 3.729 3.306 2.994 2.723 2.502 2.326 2.162 2.027 1.905 1.807 1.715 1.635 1.564 1.498
94.1 88.1 82.7 77.7 73.0 68.9 65.0 61.3 57.5 54.5 51.2 48.1 45.0 42.1 39.4 36.7
0.455 0.439 0.408 0.397 0.387 0.387 0.383 0.387 0.383 0.382 0.385 0.385 0.393 0.395 0.397 0.401
-45.8 -48.2 -48.4 -49.7 -52.0 -54.0 -55.2 -57.3 -59.7 -61.8 -63.7 -65.4 -67.6 -69.5 -71.7 -73.9
S11 MAG 0.506 0.480 0.453 0.434 0.421 0.408 0.398 0.391 0.388 0.381 0.377 0.379 0.380 0.377 0.380 0.379 ANG -106.9 -118.6 -130.6 -139.7 -148.4 -156.6 -164.1 -171.0 -177.9 176.7 171.4 165.0 160.0 154.6 149.2 145.1
S21 MAG 0.120 0.128 0.133 0.139 0.144 0.149 0.154 0.161 0.168 0.174 0.183 0.191 0.202 0.212 0.223 0.233 ANG 44.1 42.3 42.1 42.3 42.3 43.7 44.6 46.5 47.2 48.6 50.1 50.7 51.9 52.6 52.9 53.5
S12 MAG 4.062 3.503 3.115 2.767 2.519 2.316 2.129 1.992 1.857 1.744 1.643 1.562 1.481 1.416 1.357 1.294 ANG 100.4 94.0 87.7 82.0 76.7 71.9 67.4 63.1 58.9 55.4 51.8 48.3 44.9 41.9 39.0 36.0
S22 MAG ANG 0.593 -42.3 0.005 -46.3 0.004 -47.5 0.003 -49.2 0.003 -51.6 0.002 -54.1 0.002 -55.8 0.001 -58.2 0.001 -60.2 0.001 -62.4 0.001 -64.5 0.000 -66.6 0.000 -68.7 0.000 -70.5 0.000 -72.5 0.000 -75.0


▲Up To Search▲   

 
Price & Availability of 2SC5621

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X